PART |
Description |
Maker |
MIC446705 MIC44XXBWM MIC446711 MIC4468 MIC4469BWM |
Quad 1.2A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS 1.2 A 4 CHANNEL, AND GATE BASED MOSFET DRIVER, PDSO16 MOSFET Driver IC; MOSFET Driver Type:Quad Drivers, Low Side H Bridge; Peak Output High Current, Ioh:1.2A; Rise Time:14ns; Fall Time, tf:13ns; Load Capacitance:1000pF; Package/Case:16-SOIC; No. of Drivers:4; Supply Voltage Max:18V RoHS Compliant: Yes
|
Micrel Semiconductor MICREL INC
|
L6743D L6743DTR |
High current MOSFET driver
|
意法半导 STMicroelectronics
|
L6743 |
High current MOSFET driver
|
STMicroelectronics
|
AM2968ALC AM2968ALCB AM2968DC AM2968A/BUA AM2968A/ |
Single High Side Driver, Inverting Inputs, Current Sensing, Overcurent Detection and Shutdown Fault Output in a 8-pin DIP package; A IR2128 packaged in a Lead-Free 8-Lead PDIP Linear Current Sensing IC in a 8-Lead DIP package; A IR2175 packaged in a 8-Lead SOIC High voltage, high speed power MOSFET and IGBT driver with independent high side and low side referenced output channels packaged in a 8-Pin SOIC; A IRS2607DSPBF shipped on Tape and Reel High voltage, high speed power MOSFET and IGBT driver with independent high side and low side referenced output channels packaged in a 8-Pin SOIC; A IRS2607DSPBF with Standard Packaging Linear Current Sensing IC in a 8-Lead DIP package; A IR2175 packaged in a 8-Lead PDIP High and Low Side Driver, SoftTurn-On, Noninverting Inputs in a 8-pin DIP package; A IR2106 packaged in a 8-Lead SOIC Half Bridge Driver, Soft Turn-On, Single Input Plus Shut-Down, All high Voltage Pins on One Side, Programmable 0.5-5us Deadtime in a 14-pin DIP DRAMController
|
|
FOD3180 FOD3180SDV FOD3180S FOD3180SD FOD3180SV FO |
2A OUTPUT CURRENT, HIGH SPEED MOSFET GATE DRIVER OPTOCOUPLER
|
Fairchild Semiconductor
|
FOD3182S FOD3182SDV FOD3182SV FOD3182TSR2 FOD3182T |
3A Output Current, High Speed MOSFET Gate Driver Optocoupler
|
Fairchild Semiconductor
|
BCP72 |
PNP Silicon AF Power Transistor (For AF driver and output stages High collector current High current gain) From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
SG2823 SG2823J_DESC SG2823L_DESC SG2823N SG2803J S |
HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS 0.5 A, 50 V, 8 CHANNEL, NPN, Si, POWER TRANSISTOR POWERQUICC II HIP4 REV B From old datasheet system Driver - Medium Current Array
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
MIC44F1811 MIC44F19 MIC44F20YMME MIC44F20YML MIC44 |
6A, 13V High Speed MOSFET Drivers with Enable Input IC,SM DRIVER, MOSFET, 6AIC,SM DRIVER, MOSFET, 6A; Base number:44 6 A BUF OR INV BASED MOSFET DRIVER, PDSO8 6A, 13V High Speed MOSFET Drivers with Enable Input
|
Micrel Semiconductor, Inc.
|
EL7232 EL7232CN EL7232CS |
Driver, Dual Inverting, 10MHz, 2A Peak, with 3-State output Dual Channel High Speed High Current Line Driver w/3-State Dual Channel, High Speed, High Current Line Driver w/3-State
|
INTERSIL[Intersil Corporation]
|
SC1302B SC1302BIMSTR |
1.6 A 2 CHANNEL, BUF OR INV BASED MOSFET DRIVER, PDSO8 Dual High-speed Low-side MOSFET Driver
|
SEMTECH
|